Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-270L Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-270L
Description  Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-270L Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-270L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-270L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-270L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-270L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-270L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-270L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-270L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-270L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-270L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Ordering Information
HCPL-270L, HCPL-273L, HCPL-070L and HCPL-073L are UL Recognized with 3750 Vrms for 1 minute per UL1577 and
are approved under CSA Component Acceptance Notice #5, File CA 88324.
Option
Part
RoHS
nonRoHS
Surface
Gull
Tape
UL5000Vrms/
IEC/EN/DIN
Number
Compliant
Compliant
Package
Mount
Wing
&Reel
1Minuterating
EN60747-5-2
Quantity
-000E
no option
300 mil DIP-8
50 per tube
HCPL-270L -300E
-300
X
X
50 per tube
HCPL-273L -500E
-500
X
X
X
1000 per reel
-060E
-060
X
100 per tube
-560E
-560
X
X
X
X
1500 per reel
-000E
no option
SO-8
X
100 per tube
HCPL-070L -500E
-500
X
X
1500 per reel
HCPL-073L -060E
-060
X
X
100 per tube
-560E
-560
X
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-273L-500E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with
IEC/EN/DIN EN 60747-5-2 Safety Approval and RoHS compliant.
Example 2:
HCPL-273L to order product of 300 mil DIP package in Tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and
RoHS compliant will use ‘–XXXE.’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12