| Moteur de recherche de fiches techniques de composants électroniques |
|
PE3C2005-100CM Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc. |
|
|
|||||||||||||||||||||||||||||
PE3C2005-100CM Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc. |
|
2 / 3 page ![]() TECHNICAL DATA SHEET TECHNICAL DATA SHEET 2 Cable Cable Type PE-SR402FLJ Low PIM Cable Inner Conductor Copper, Silver Cable Outer Conductor Copper, Tin Dielectric Type PTFE Jacket Material PVC LSZH Jacket Diameter 0.163 in [4.14 mm] Connector 1 Type N Male Configuration Straight Inner Conductor Material and Plating Brass, Silver Coupling Nut Material and Plating Brass, Tri-Metal Hex Size 3/4 inch Body Material and Plating Brass, Silver Dielectric Type PTFE Connector 2 Type 7/16 DIN Female Configuration Straight Inner Conductor Material and Plating Beryllium Copper, Silver Body Material and Plating Brass, Silver Dielectric Type PTFE Compliance Certifications (visit www.Pasternack.com for current document) RoHS Compliant Yes Notes: • Values at +25 °C, sea level N Male to 7/16 DIN Female LSZH Jacketed Cable 100 CM Length Using SR402FLJ Low PIM Coax, RoHS from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: N Male to 7/16 DIN Female LSZH Jacketed Cable 100 CM Length Using SR402FLJ Low PIM Coax, RoHS PE3C2005-100CM URL: http://www.pasternack.com/n-male-7-16-female-sr402flj-low-pim-cable-assembly-pe3c2005-100cm-p.aspx PE3C2005-100CM REV 1.0 PE3C2005-100CM N Male to 7/16 DIN Female LSZH Jacketed Cable 100 CM Length Using SR402FLJ Low PIM Coax, RoHS |