Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE3C2003-100CM Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc.

No de pièce PE3C2003-100CM
Description  7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 100cm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2003-100CM Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C2003-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2003-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2003-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2003-100CM Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Cable
Cable Type
PE-SR402FLJ Low PIM
Cable Inner Conductor
Copper, Silver
Cable Outer Conductor
Copper, Tin
Dielectric Type
PTFE
Jacket Material
PVC LSZH
Jacket Diameter
0.163 in [4.14 mm]
Connector 1
Type
7/16 DIN Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
1 1/4 inch
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Connector 2
Type
7/16 DIN Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size
1 1/4 inch
Body Material and Plating
Brass, Silver
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE3C2003-100CM REV 1.0
PE3C2003-100CM
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 100 CM Length Using SR402FLJ
Low PIM Coax, RoHS PE3C2003-100CM
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable
100 CM Length Using SR402FLJ Low PIM Coax, RoHS



Html Pages

1 2 3 4