Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1L05DPUR Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce ST1L05DPUR
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05DPUR Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button ST1L05DPUR Datasheet HTML 18Page - STMicroelectronics ST1L05DPUR Datasheet HTML 19Page - STMicroelectronics ST1L05DPUR Datasheet HTML 20Page - STMicroelectronics ST1L05DPUR Datasheet HTML 21Page - STMicroelectronics ST1L05DPUR Datasheet HTML 22Page - STMicroelectronics ST1L05DPUR Datasheet HTML 23Page - STMicroelectronics ST1L05DPUR Datasheet HTML 24Page - STMicroelectronics ST1L05DPUR Datasheet HTML 25Page - STMicroelectronics ST1L05DPUR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Package mechanical data
ST1L05
22/30
DocID14492 Rev 3
Figure 29. DFN6 (3x3 mm) recommended footprint
Table 10. DFN6 (3x3 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A0.80
1
A1
0
0.02
0.05
A3
0.20
b
0.23
0.45
D
2.90
3
3.10
D2
2.23
2.50
E
2.90
3
3.10
E2
1.50
1.75
0.95
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30