Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1L05CPU33R Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce ST1L05CPU33R
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05CPU33R Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button ST1L05CPU33R Datasheet HTML 20Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 21Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 22Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 23Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 24Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 25Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 26Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 27Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Package mechanical data
ST1L05
24/30
DocID14492 Rev 3
Figure 31. DFN8 (4x4 mm) recommended footprint
Table 11.DFN8 (4x4 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1
A1
0
0.02
0.05
A3
0,20
b
0.23
0.30
0.38
D
3.90
4
4.10
D2
2.82
3
3.23
E
3.90
4
4.10
E2
2.05
2.20
2.30
e0.80
L
0.40
0.50
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30