Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1L05PU25R Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce ST1L05PU25R
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05PU25R Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button ST1L05PU25R Datasheet HTML 17Page - STMicroelectronics ST1L05PU25R Datasheet HTML 18Page - STMicroelectronics ST1L05PU25R Datasheet HTML 19Page - STMicroelectronics ST1L05PU25R Datasheet HTML 20Page - STMicroelectronics ST1L05PU25R Datasheet HTML 21Page - STMicroelectronics ST1L05PU25R Datasheet HTML 22Page - STMicroelectronics ST1L05PU25R Datasheet HTML 23Page - STMicroelectronics ST1L05PU25R Datasheet HTML 24Page - STMicroelectronics ST1L05PU25R Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DocID14492 Rev 3
21/30
ST1L05
Package mechanical data
30
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 28. DFN6 (3x3 mm) drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30