Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1L05APU33R Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce ST1L05APU33R
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05APU33R Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button ST1L05APU33R Datasheet HTML 22Page - STMicroelectronics ST1L05APU33R Datasheet HTML 23Page - STMicroelectronics ST1L05APU33R Datasheet HTML 24Page - STMicroelectronics ST1L05APU33R Datasheet HTML 25Page - STMicroelectronics ST1L05APU33R Datasheet HTML 26Page - STMicroelectronics ST1L05APU33R Datasheet HTML 27Page - STMicroelectronics ST1L05APU33R Datasheet HTML 28Page - STMicroelectronics ST1L05APU33R Datasheet HTML 29Page - STMicroelectronics ST1L05APU33R Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Packaging mechanical data
ST1L05
28/30
DocID14492 Rev 3
Figure 35. DFN8 (4x4 mm) reel
Table 13. DFN8 (4x4 mm) reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A
330
C
12.8
13.0
13.2
D20.2
N60
T
22.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30