| Moteur de recherche de fiches techniques de composants électroniques |
|
MB89913 Fiches technique(PDF) 13 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89913 Fiches technique(HTML) 13 Page - fujitsu semiconductor |
|
13 / 53 page ![]() 13 MB89910 Series (Continued) Type Circuit Remarks F • CMOS output • CMOS hysteresis input (with a noise canceller excluding analog inputs) G • P-ch high-voltage open-drain output • At an output pull-down resistor of approximately 100 k Ω/5.0 V H • N-ch open-drain output • CMOS hysteresis input (with a noise canceller excluding analog inputs) I • Subclock The oscillation feedback resistor is built only in the MB89PV910. • CMOS hysteresis input (with a noise canceller) when no subclock is being used P-ch N-ch Hysteresis input (with a noise canceller) Analog input Port VFDP P-ch N-ch Hysteresis input (with a noise canceller) Analog input X1A X0A Hysteresis input (with a noise canceller) Hysteresis input (with a noise canceller) Port Port Port Subclock control signal N-ch P-ch |