Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB89174LPF Fiches technique(PDF) 19 Page - fujitsu semiconductor

No de pièce MB89174LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor

MB89174LPF Fiches technique(HTML) 19 Page - fujitsu semiconductor

Back Button MB89174LPF Datasheet HTML 15Page - fujitsu semiconductor MB89174LPF Datasheet HTML 16Page - fujitsu semiconductor MB89174LPF Datasheet HTML 17Page - fujitsu semiconductor MB89174LPF Datasheet HTML 18Page - fujitsu semiconductor MB89174LPF Datasheet HTML 19Page - fujitsu semiconductor MB89174LPF Datasheet HTML 20Page - fujitsu semiconductor MB89174LPF Datasheet HTML 21Page - fujitsu semiconductor MB89174LPF Datasheet HTML 22Page - fujitsu semiconductor MB89174LPF Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
19
MB89170/170A/170L Series
2. MB89170L series
Main clock
oscillator
Timebase timer
External interrupt 2
(wake-up)
CMOS I/O ports
CMOS output port
F2MC-8L
RAM
MOD1, MOD0, VCC, VSS
× 2, N.C. × 2
The other pins
X0
X1
RST
P00/INT20
to P07/INT27
ROM
8-bit serial I/O
Buzzer output
N-ch open-drain output port
P30/SCK
P34/TO/INT0
CPU
8-bit timer/counter
CMOS I/O port
8
P20 to P27
P10 to P17
Reset circuit
(Watch dog timer)
8
8
External interrupt 1
8-bit timer/counter
P33/EC
P32/SI
P31/SO
P35/INT1
P36/INT2
P37/BZ
P40 to P44
Clock controller
5
16-bit timer/counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50