Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB88346LP Fiches technique(PDF) 4 Page - fujitsu semiconductor

No de pièce MB88346LP
Description  D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor

MB88346LP Fiches technique(HTML) 4 Page - fujitsu semiconductor

  MB88346LP Datasheet HTML 1Page - fujitsu semiconductor MB88346LP Datasheet HTML 2Page - fujitsu semiconductor MB88346LP Datasheet HTML 3Page - fujitsu semiconductor MB88346LP Datasheet HTML 4Page - fujitsu semiconductor MB88346LP Datasheet HTML 5Page - fujitsu semiconductor MB88346LP Datasheet HTML 6Page - fujitsu semiconductor MB88346LP Datasheet HTML 7Page - fujitsu semiconductor MB88346LP Datasheet HTML 8Page - fujitsu semiconductor MB88346LP Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MB88346L
4
■ BLOCK DIAGRAM
12-bit shift register
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
Address decoder
8-bit latch
8-bit
R-2R
D/A converter
8-bit latch
8-bit
R-2R
D/A converter
12
1
D7
D0
D7
D0
12
1
8
+
–
AO12
VDD
VSS
AO1
GND
VCC
LD
DO
DI
CLK
+
–
12
23
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17