| Moteur de recherche de fiches techniques de composants électroniques |
|
SW2PF-10 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SW2PF-10 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 9 page ![]() ONE•STEP LF No-Clean Lead-Free Braid • Formulated with a flux designed for higher activation temperatures • Tight oxide-free copper weave enables quick “on and off” desoldering • More copper surface area per square inch of wick provides extra thermal shock protection to the circuit • Concentrated fine copper braiding utilizes less length of wick for each desoldering application • Lead-Free Braid neither contains or is manufactured with any substances that violate the RoHS directive ONE•STEP LF No-Clean Lead-Free Braid PART NO. WIDTH COLOR LF-A-5AS .025" Silver LF-B-5AS .050" Gold LF-C-5AS .075" Green LF-D-5AS .100" Blue LF-E-5AS .125" Brown 5 FOOT SPOOLS (ANTI-STATIC) |