| Moteur de recherche de fiches techniques de composants électroniques |
|
SRP1040-R39M Fiches technique(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP1040-R39M Fiches technique(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() 0 0 4 8 1216 20 24 2832 3640 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-R36M 0 0 3 6 9 12 15 18 21 24 27 30 33 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-R68M 0 02 4 6 8 10 12 14 16 18 22 20 24 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-2R2M 0 36 9 12 15 18 21 24 27 30 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-1R0M 0 0 4 8 1216 20 24 2832 3640 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-R47M 0 46 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 0.15 0.30 0.45 0.60 0.75 0.90 1.05 1.20 1.35 1.50 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-R56M 0 02 4 6 8 10 14 12 16 20 18 22 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP1040-1R5M 0 04 8 12 16 20 24 28 32 36 40 0.05 0.1 0.15 0.2 0.25 0 10 DC Current (A) SRP1040-R20M 20 30 40 50 60 70 80 90 100 0 04 812 16 20 24 28 32 0.2 0.1 0.3 0.5 0.4 0.6 0.7 0.8 0.9 1.0 0 10 DC Current (A) SRP1040-R80M 20 30 40 50 60 70 80 90 100 0 0 9 18 27 36 45 0.06 0.12 0.18 0.24 0.3 0 DC Current (A) SRP1040-R15M 20 40 60 80 100 0 0 6.2 12.4 18.6 24.8 31 0.3 0.6 0.9 1.2 1.5 0 DC Current (A) SRP1040-R75M 20 40 60 80 100 0 0 4.4 8.8 13.2 17.6 22 0.6 1.2 1.8 2.4 3 0 DC Current (A) SRP1040-1R2M 20 40 60 80 100 0 04 8 12 16 20 0.6 1.2 1.8 2.4 3 0 DC Current (A) SRP1040-1R7M 20 40 60 80 100 0 0 7.6 15.2 22.8 30.4 38 0.12 0.24 0.36 0.48 0.6 0 20 40 60 80 100 DC Current (A) SRP1040-R39M 0 0 7.2 14.4 21.6 28.8 36 0.14 0.28 0.42 0.56 0.7 0 20 40 60 80 100 DC Current (A) SRP1040-R50M SRP1040 Series - Shielded Power Inductors Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. L vs. I Charts Applications ■ Input/output of DC/DC converters ■ Power supplies for: • Portable communications equipment • Camcorders • LCD TVs • Car audio systems |