| Moteur de recherche de fiches techniques de composants électroniques |
|
LA0010D Fiches technique(PDF) 2 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
LA0010D Fiches technique(HTML) 2 Page - Solid States Devices, Inc |
|
2 / 3 page ![]() NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: LA0010D DOC ELECTRICAL CHARACTERISTICS3/ CHARACTERISTICS TEMP, ºC SYMBOL MIN TYP MAX UNIT Reference Voltage ∆V = 5V and IOUT = 10mA 10mA ≤ IOUT ≤ IMAX, 3V ≤ ∆V ≤ 35V, P≤PMAX 25 * VREF -1.225 -1.200 -1.250 -1.250 -1.275 -1.300 V V Line Regulation 4/ 3V ≤ ∆V ≤ 35V 25 * ∆VOUT/ ∆VIN -- -- 0.01 0.02 0.05 0.06 %/V %/V Load Regulation 4/ (10mA ≤ IOUT ≤ IMAX)* ∆VOUT/ ∆VIN -- 0.4 1.5 % Thermal Regulation 10 msec Pulse 25 -- .002 .02 %/W Ripple Rejection VOUT = -10V, f=120Hz CADJ =0 CADJ = 10µF(Tantalum) 25 25 -- 65 66 75 -- -- dB dB Adjust Pin Current * IADJ -- 140 200 µA Adjust Pin Current Change 10mA ≤ IOUT ≤ IMAX 3V ≤ ∆V ≤ 35V * ∆IADJ -- 4 11 µA Minimum Load Current ∆V ≤ 35V ∆V ≤ 10V * * -- -- 5 3 10 6 mA mA Current Limit ∆V ≤ 10VDC ∆V = 30V * 25 ICL 3 0.5 4.2 0.8 7 -- A A Temperature Stability TMIN ≤ T ≤ TMAX * ∆VOUT/ ∆T -- 0.5 -- % Long Term Stability TJ = 125ºC, D = 1000 Hours -- ∆VOUT/ VOUT @T=0 -- 0.25 -- % RMS Output Noise (% of VOUT) 10Hz ≤ f ≤ 10kHz 25 en -- 0.003 -- % Thermal Resistance Junction to Case RӨJC -- 2.2 4 °C/W NOTES: * Full Temperature Range 1/ For ordering information, price, and availability- contact factory. 2/ Screening based on MIL-STD-38534, actual screening flow details available. 3/ Unless otherwise specified, these specifications apply: ∆V = 5V and IOUT = 10mA. These specifications apply for power dissipation up to 35W, IMAX = 3A. 4/ Low duty cycle pulse testing is used to ensure constant junction temperature to avoid changes in output voltage caused by heating effects. Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SVR333J |