Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM8803 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce PM8803
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button PM8803 Datasheet HTML 7Page - STMicroelectronics PM8803 Datasheet HTML 8Page - STMicroelectronics PM8803 Datasheet HTML 9Page - STMicroelectronics PM8803 Datasheet HTML 10Page - STMicroelectronics PM8803 Datasheet HTML 11Page - STMicroelectronics PM8803 Datasheet HTML 12Page - STMicroelectronics PM8803 Datasheet HTML 13Page - STMicroelectronics PM8803 Datasheet HTML 14Page - STMicroelectronics PM8803 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
PM8803
Pin descriptions and connection diagrams
Doc ID 018559 Rev 2
11/34
20
T2P
Successful 2-event classification indicator.
T2P open drain signal assertion happens when powered by a PSE
performing a 2-event classification.
T2P is an active-low signal.
EP
Exposed Pad.
Connect this to a pcb copper plane to improve heat dissipation; must be
electrically connected to VSS.
Table 2.
Pin descriptions (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34