Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LBP01 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce LBP01
Description  LED bypass protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LBP01 Fiches technique(HTML) 6 Page - STMicroelectronics

  LBP01 Datasheet HTML 1Page - STMicroelectronics LBP01 Datasheet HTML 2Page - STMicroelectronics LBP01 Datasheet HTML 3Page - STMicroelectronics LBP01 Datasheet HTML 4Page - STMicroelectronics LBP01 Datasheet HTML 5Page - STMicroelectronics LBP01 Datasheet HTML 6Page - STMicroelectronics LBP01 Datasheet HTML 7Page - STMicroelectronics LBP01 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Recommendations on PCB assembly
LBP01
6/8
Doc ID 022950 Rev 1
4
Recommendations on PCB assembly
4.1
PCB design
1.
To control the solder paste amount, the closed via is recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced. The
symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.
Figure 9.
Printed circuit board layout
4.2
Reflow profile
Figure 10.
ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
60 sec
(90 max)
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-2 °C/s to
-3 °C/s
-6 °C/s max
240-245 °C
2 - 3 °C/s
0.9 °C/s
Temperature (°C)
Time (s)



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com