Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3501 Fiches technique(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3501
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3501 Fiches technique(HTML) 22 Page - Texas Instruments

Back Button LM3501 Datasheet HTML 18Page - Texas Instruments LM3501 Datasheet HTML 19Page - Texas Instruments LM3501 Datasheet HTML 20Page - Texas Instruments LM3501 Datasheet HTML 21Page - Texas Instruments LM3501 Datasheet HTML 22Page - Texas Instruments LM3501 Datasheet HTML 23Page - Texas Instruments LM3501 Datasheet HTML 24Page - Texas Instruments LM3501 Datasheet HTML 25Page - Texas Instruments LM3501 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM3501TL-16/NOPB
DSBGA
YZR
8
250
178.0
8.4
2.18
2.18
0.76
4.0
8.0
Q1
LM3501TL-21/NOPB
DSBGA
YZR
8
250
178.0
8.4
2.18
2.18
0.76
4.0
8.0
Q1
LM3501TLX-16/NOPB
DSBGA
YZR
8
3000
178.0
8.4
2.18
2.18
0.76
4.0
8.0
Q1
LM3501TLX-21/NOPB
DSBGA
YZR
8
3000
178.0
8.4
2.18
2.18
0.76
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Nov-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26