Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NLV25T-R82J-PF Fiches technique(PDF) 13 Page - TDK Electronics

No de pièce NLV25T-R82J-PF
Description  Inductors for Standard Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

NLV25T-R82J-PF Fiches technique(HTML) 13 Page - TDK Electronics

Back Button NLV25T-R82J-PF Datasheet HTML 7Page - TDK Electronics NLV25T-R82J-PF Datasheet HTML 8Page - TDK Electronics NLV25T-R82J-PF Datasheet HTML 9Page - TDK Electronics NLV25T-R82J-PF Datasheet HTML 10Page - TDK Electronics NLV25T-R82J-PF Datasheet HTML 11Page - TDK Electronics NLV25T-R82J-PF Datasheet HTML 12Page - TDK Electronics NLV25T-R82J-PF Datasheet HTML 13Page - TDK Electronics NLV25T-R82J-PF Datasheet HTML 14Page - TDK Electronics NLV25T-R82J-PF Datasheet HTML 15Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
(13/14)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm
• All specifications are subject to change without notice.
NLV series 
NLV32 Type
ELECTRICAL CHARACTERISTICS
Q FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0
10
20
30
40
50
70
60
0.1
1
10
100
1000
Frequency(MHz)
056J
012J
015J
018J
033J
039J
047J
027J
068J
082J
R10J
R12J
R15J
R22J
R39J
R18J
R27J
R33J
010J
3R3J
3R9J
5R6J
6R8J
100J
120J
150J
8R2J
330J
390J
470J
560J
680J
820J
220J
180J
270J
221J
391J
471J
181J
271J
331J
121J
101J
022J
4R7J
151J
R47J
R56J
R68J
1R0J
1R2J
1R5J
1R8J
2R2J
2R7J
R82J
Product No.
Manufacturer
4291A
Agilent Technologies
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com