| Moteur de recherche de fiches techniques de composants électroniques |
|
A48H3612SSLP Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
A48H3612SSLP Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 4 page ![]() Spec-00374 E Wall-Mount EnclosurEs Wall-Mount EnclosurEs and accEssoriEs EQUIPMENT PROTECTION SOLUTIONS SUBJECT TO CHANGE WITHOUT NOTICE stainlEss stEEl 3 Catalog Number AxBxC in./mm Stainless Steel Type Steel Panel Conductive Steel Panel Stainless Steel Panel Panel Size D x E in./mm F in./mm Clamps Qty. Data Pocket A36H3010SS6LP 36.00 x 30.00 x 10.00 914 x 762 x 254 316L A36P30 A36P30G A36P30SS6 33.00 x 27.00 838 x 686 3.00 76 7 Large A42H3010SSLP 42.00 x 30.00 x 10.00 1067 x 762 x 254 304 A42P30 A42P30G A42P30SS6 39.00 x 27.00 991 x 686 3.00 76 8 Large A42H3010SS6LP 42.00 x 30.00 x 10.00 1067 x 762 x 254 316L A42P30 A42P30G A42P30SS6 39.00 x 27.00 991 x 686 3.00 76 8 Large A48H3610SSLP 48.00 x 36.00 x 10.00 1219 x 914 x 254 304 A48P36 A48P36G A48P36SS6 45.00 x 33.00 1143 x 838 3.00 76 8 Large A48H3610SS6LP 48.00 x 36.00 x 10.00 1219 x 914 x 254 316L A48P36 A48P36G A48P36SS6 45.00 x 33.00 1143 x 838 3.00 76 8 Large A24H2412SSLP 24.00 x 24.00 x 12.00 610 x 610 x 305 304 A24P24 A24P24G A24P24SS6 21.00 x 21.00 533 x 533 3.00 76 5 Small A24H2412SS6LP 24.00 x 24.00 x 12.00 610 x 610 x 305 316L A24P24 A24P24G A24P24SS6 21.00 x 21.00 533 x 533 3.00 76 5 Small A30H2412SSLP 30.00 x 24.00 x 12.00 762 x 610 x 305 304 A30P24 A30P24G A30P24SS6 27.00 x 21.00 686 x 533 3.00 76 5 Large A30H2412SS6LP 30.00 x 24.00 x 12.00 762 x 610 x 305 316L A30P24 A30P24G A30P24SS6 27.00 x 21.00 686 x 533 3.00 76 5 Large A36H3012SSLP 36.00 x 30.00 x 12.00 914 x 762 x 305 304 A36P30 A36P30G A36P30SS6 33.00 x 27.00 838 x 686 3.00 76 7 Large A36H3012SS6LP 36.00 x 30.00 x 12.00 914 x 762 x 305 316L A36P30 A36P30G A36P30SS6 33.00 x 27.00 838 x 686 3.00 76 7 Large A36H3612SSLP 36.00 x 36.00 x 12.00 914 x 914 x 305 304 A36P36 A36P36G A36P36SS6 33.00 x 33.00 838 x 838 3.00 76 7 Large A36H3612SS6LP 36.00 x 36.00 x 12.00 914 x 914 x 305 316L A36P36 A36P36G A36P36SS6 33.00 x 33.00 838 x 838 3.00 76 7 Large A48H3612SSLP 48.00 x 36.00 x 12.00 1219 x 914 x 305 304 A48P36 A48P36G A48P36SS6 45.00 x 33.00 1143 x 838 3.00 76 8 Large A48H3612SS6LP 48.00 x 36.00 x 12.00 1219 x 914 x 305 316L A48P36 A48P36G A48P36SS6 45.00 x 33.00 1143 x 838 3.00 76 8 Large A60H3612SSLP 60.00 x 36.00 x 12.00 1524 x 914 x 305 304 A60P36 A60P36G A60P36SS6 57.00 x 33.00 1448 x 838 3.00 76 9 Large A60H3612SS6LP 60.00 x 36.00 x 12.00 1524 x 914 x 305 316L A60P36 A60P36G A60P36SS6 57.00 x 33.00 1448 x 838 3.00 76 9 Large A30H2416SSLP 30.00 x 24.00 x 16.00 762 x 610 x 406 304 A30P24 A30P24G A30P24SS6 27.00 x 21.00 686 x 533 3.00 76 5 Large A30H2416SS6LP 30.00 x 24.00 x 16.00 762 x 610 x 406 316L A30P24 A30P24G A30P24SS6 27.00 x 21.00 686 x 533 3.00 76 5 Large A36H3016SSLP 36.00 x 30.00 x 16.00 914 x 762 x 406 304 A36P30 A36P30G A36P30SS6 33.00 x 27.00 838 x 686 3.00 76 7 Large A36H3016SS6LP 36.00 x 30.00 x 16.00 914 x 762 x 406 316L A36P30 A36P30G A36P30SS6 33.00 x 27.00 838 x 686 3.00 76 7 Large A48H3616SSLP 48.00 x 36.00 x 16.00 1219 x 914 x 406 304 A48P36 A48P36G A48P36SS6 45.00 x 33.00 1143 x 838 3.00 76 8 Large A48H3616SS6LP 48.00 x 36.00 x 16.00 1219 x 914 x 406 316L A48P36 A48P36G A48P36SS6 45.00 x 33.00 1143 x 838 3.00 76 8 Large A60H3616SSLP 60.00 x 36.00 x 16.00 1524 x 914 x 406 304 A60P36 A60P36G A60P36SS6 57.00 x 33.00 1448 x 838 3.00 76 9 Large A60H3616SS6LP 60.00 x 36.00 x 16.00 1524 x 914 x 406 316L A60P36 A60P36G A60P36SS6 57.00 x 33.00 1448 x 838 3.00 76 9 Large Purchase panels separately. Optional composite and aluminum panels are available for most sizes. |