| Moteur de recherche de fiches techniques de composants électroniques |
|
SC017 Fiches technique(PDF) 1 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
SC017 Fiches technique(HTML) 1 Page - Fuji Electric |
|
1 / 2 page ![]() SC017 (1.0A) (200V to 400V / 1.0A ) GENERAL USE RECTIFIER DIODE Outline drawings Features ESD-proof Surface-mount device High reliability Applications General purpose rectifier applications Automobile use Maximum ratings and characteristics Absolute maximum ratings Item Repetitive peak reverse voltage Non-repetitive peak reverse voltage Average output current Surge current Operating junction temperature Storage temperature Symbol VRRM VRSM IO IFSM Tj Tstg Conditions Sine wave 10ms -40 to +150 -40 to +150 Unit V V A A °C °C Electrical characteristics (Ta=25°C Unless otherwise specified ) Item Forward voltage drop Reverse current Thermal resistance Symbol VFM IRRM Rth(j-a) Conditions IFM=2.0A VR=VRRM Junction to ambient Max. Unit V µA °C/W Resistive load Ta=40 °C Marking Rating 200 400 - 2 - 4 1.0 * 40 1.1 10 120* *Mounted to glass fabric base epoxy resin printed circuits, land (15mm x 15mm) 3±0.2 5.1-0.1 +0.4 1.35±0.4 1.2±0.2 1.35±0.4 2 MIN. Marking BH Cathode mark Type name Abridged type name SC017-2 BH SC017-4 BI 200 400 |
Numéro de pièce similaire - SC017 |
|
Description similaire - SC017 |