Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NLV25T-R68J-PF Fiches technique(PDF) 12 Page - TDK Electronics

No de pièce NLV25T-R68J-PF
Description  Inductors for Standard Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

NLV25T-R68J-PF Fiches technique(HTML) 12 Page - TDK Electronics

Back Button NLV25T-R68J-PF Datasheet HTML 6Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 7Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 8Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 9Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 10Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 11Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 12Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 13Page - TDK Electronics NLV25T-R68J-PF Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
(12/13)
INDUC
T
O
RS
001-01 / 20140220 / inductor_commercial_standard_nl_en.fm
• All specifications are subject to change without notice.
NL series 
NL565050 Type
ELECTRICAL CHARACTERISTICS
Q FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0
10
20
30
40
50
60
0.001
0.01
0.1
1
10
Frequency(MHz)
103J
562J
822J
682J
472J
332J
122J
222J
182J
152J
272J
392J
Product No.
Manufacturer
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com