Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F00087B Fiches technique(PDF) 2 Page - Solid States Devices, Inc

No de pièce F00087B
Description  POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSDI [Solid States Devices, Inc]
Site Internet  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00087B Fiches technique(HTML) 2 Page - Solid States Devices, Inc

  F00087B Datasheet HTML 1Page - Solid States Devices, Inc F00087B Datasheet HTML 2Page - Solid States Devices, Inc F00087B Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00087B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF440J
Electrical Characteristics4/
Symbol
Min
Typ
Max Units
Drain to Source Breakdown Voltage
VGS = 0V, ID = 250 µA
BVDSS
500
570
––
V
Drain to Source On State Resistance
VGS = 10V, ID = 60% Rated ID
RDS(on)
––
0.65
0.86
Ω
On State Drain Current
VDS > ID(on) x RDS(on) Max, VGS = 10V
ID(on)
8
12
––
A
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(th)
2.0
3.2
4.0
V
Forward Transconductance
VDS ≥ 50V, ID = 60% Rated ID
gfs
4.9
6
––
S(Ʊ)
Zero Gate Voltage
Drain Current
VDS = max rated voltage, VGS = 0V
VDS = 80% Rated VDS, VGS = 0V, TA = 125
oC
IDSS
––
––
0.015
5
25
250
μA
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
At rated VGS
IGSS
––
––
––
––
100
-100
nA
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10V
80% Rated VDS
ID = 8A
Qg
Qgs
Qgd
––
––
––
30
8
12
50
10
25
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VDD = 50%
Rated VDS
ID= 8 A
RG = 9.1Ω
RD = 30Ω
td(on)
tr
td(off)
tf
––
––
––
––
30
40
62
30
40
60
74
40
nsec
Diode Forward Voltage
IS = Rated ID, VGS = 0V, Tj = 25
oC
VSD
––
0.85
1.2
V
Diode Reverse Recovery Time
Reverse Recovery Charge
Tj = 25
oC, I
F = Rated ID, di/dt = 100A/usec
trr
Qrr
210
2
900
7.7
970
8.9
nsec
μC
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1 MHz
Ciss
Coss
Crss
––
––
––
1450
180
40
––
––
––
pF



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com