| Moteur de recherche de fiches techniques de composants électroniques |
|
F00002 Fiches technique(PDF) 1 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
F00002 Fiches technique(HTML) 1 Page - Solid States Devices, Inc |
|
1 / 2 page ![]() SOLID STATE DEVICES, INC. SFF70N04 SERIES DATA SHEET #: F00002B MAXIMUM RATINGS SYMBOL UNITS VALUE IDM 140 Pulsed Drain Current Drain-Source Voltage VDS 40 Amps Volts W oC/W 70 AMP / 40 VOLTS 0.010 Ω Ω Ω Ω Ω N-CHANNEL POWER MOSFET Thermal Resistance, Junction to Case RθθθθθJC Total Device Dissipation @ TC = 25 oC PD IAR 60 Avalanche Current Amps DESIGNER'S DATA SHEET NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. SFF70N04 S.5 TX Part Number /Ordering Information 1/ Screening 2/: _ = Not Screened TX = TX Level TXV = TXV Level S = Space Level Package: 3/ S.5 = SMD.5 APPLICATION NOTES: • Low RDS (on) and High Transconductance • Excellent High Temperature Stability • Fast Switching Speed • Intrinsic Rectifier • Hermetically Sealed Package • TX, TXV, and Space Level Screening Available oC Operating and Storage Temperature TJ, TSTG -55 to +175 107 1.1 IC 565/ 47 Continuous Collector Current @ TC = 25 oC @ TC = 100 oC Amps 14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SMD.5 (S.5) Gate-Source Voltage VGS E 20 Volts EAR 180 Repetitive Avalanche Energy mJ |
Numéro de pièce similaire - F00002 |
|
Description similaire - F00002 |