Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1848M-TE-R-E Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LB1848M-TE-R-E
Description  Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1848M-TE-R-E Fiches technique(HTML) 6 Page - Sanyo Semicon Device

  LB1848M-TE-R-E Datasheet HTML 1Page - Sanyo Semicon Device LB1848M-TE-R-E Datasheet HTML 2Page - Sanyo Semicon Device LB1848M-TE-R-E Datasheet HTML 3Page - Sanyo Semicon Device LB1848M-TE-R-E Datasheet HTML 4Page - Sanyo Semicon Device LB1848M-TE-R-E Datasheet HTML 5Page - Sanyo Semicon Device LB1848M-TE-R-E Datasheet HTML 6Page - Sanyo Semicon Device LB1848M-TE-R-E Datasheet HTML 7Page - Sanyo Semicon Device LB1848M-TE-R-E Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SOF Pin (“Soft Off” Function) Operation [LB1848M only]
The soft off function reduces power supply line noise due to the kickback current generated when the stepping motor
drive mode is switched from drive to standby. The “soft off” function provided by this IC operates when a capacitor
(0.001 to 0.01 µF) is connected between the SOF pin and ground. (Leave the SOF pin open to disable the soft off
function.)
The waveforms for each pin are shown below.
Timing Chart for Stepping Motor 2-Phase Excitation
No. 5339-6/8
LB1846M, 1848M



Html Pages

1 2 3 4 5 6 7 8