Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78L33CD-TR Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce L78L33CD-TR
Description  Positive voltage regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L33CD-TR Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button L78L33CD-TR Datasheet HTML 39Page - STMicroelectronics L78L33CD-TR Datasheet HTML 40Page - STMicroelectronics L78L33CD-TR Datasheet HTML 41Page - STMicroelectronics L78L33CD-TR Datasheet HTML 42Page - STMicroelectronics L78L33CD-TR Datasheet HTML 43Page - STMicroelectronics L78L33CD-TR Datasheet HTML 44Page - STMicroelectronics L78L33CD-TR Datasheet HTML 45Page - STMicroelectronics L78L33CD-TR Datasheet HTML 46Page - STMicroelectronics L78L33CD-TR Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Order codes
L78L
44/47
DocID2145 Rev 22
Table 29. Marking information
Part numbers
Marking
Packages
Output voltages
L78L05ABD13TR
78L05B
SO-8
5 V
L78L05ABD13TR
8C
SOT-89
5 V
L78L05ABZ
L78L05
TO-92
5 V
L78L05ABZ-AP
L78L05
TO-92
5 V
L78L05ABZ-TR
L78L05
TO-92
5 V
L78L05ACD13TR
L78L05A
SO-8
5 V
L78L05ACD13TR
8C
SOT-89
5 V
L78L05ACZ
L78L05
TO-92
5 V
L78L05ACZ-AP
L78L05
TO-92
5 V
L78L05ACZTR
L78L05
TO-92
5 V
L78L05CD13TR
78L05
SO-8
5 V
L78L05CD13TR
L78L05
TO-92
5 V
L78L06ABUTR
8E
SOT-89
6 V
L78L06ABZ
L78L06
TO-92
6 V
L78L06ACD13TR
L78L06A
SO-8
6 V
L78L06ACD13TR
8E
SOT-89
6 V
L78L08ABD13TR
78L08B
SO-8
8 V
L78L08ABD13TR
8G
SOT-89
8 V
L78L08ABZ-AP
L78L08
TO-92
8 V
L78L08ABZTR
L78L08
TO-92
8 V
L78L08ACD13TR
78L08A
SO-8
8 V
L78L08ACD13TR
8G
SOT-89
8 V
L78L08ACZ
L78L08
TO-92
8 V
L78L08ACZ-AP
L78L08
TO-92
8 V
L78L08ACZTR
L78L08A
TO-92
8 V
L78L08CD13TR
78L08
SO-8
8 V
L78L09ABD13TR
78L09B
SO-8
8 V
L78L09ABZ
L78L09
TO-92
9 V
L78L09ACD13TR
78L09A
SO8
9 V
L78L09ACD13TR
8H
SOT-89
9 V
L78L09ACZ-AP
L78L09
TO-92
9 V
L78L09ACZ-TR
L78L09
TO-92
9 V
L78L09CD13TR
78L09
SO-8
9 V
L78L09CD13TR
8I
SOT-89
10 V
L78L12ABD-TR
78L12B
SO-8
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47