Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS3L60SY Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STPS3L60SY
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60SY Fiches technique(HTML) 5 Page - STMicroelectronics

  STPS3L60SY Datasheet HTML 1Page - STMicroelectronics STPS3L60SY Datasheet HTML 2Page - STMicroelectronics STPS3L60SY Datasheet HTML 3Page - STMicroelectronics STPS3L60SY Datasheet HTML 4Page - STMicroelectronics STPS3L60SY Datasheet HTML 5Page - STMicroelectronics STPS3L60SY Datasheet HTML 6Page - STMicroelectronics STPS3L60SY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STPS3L60-Y
Package information
Doc ID 17537 Rev 1
5/7
2
Package information
●
Epoxy meets UL94,V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12.
Footprint, dimensions in mm (inches)
Table 5.
SMC Dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b(1)
1.
Dimensions b and c apply to plated leads
2.90
3.20
0.114
0.126
c(1)
0.15
0.40
0.006
0.016
D
5.55
6.25
0.218
0.246
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
L
0.75
1.50
0.030
0.059
E
C
L
E2
E1
D
A1
A2
b
8.19
1.54
5.11
1.54
(0.061)
(0.201)
(0.322)
(0.124)
(0.061)
3.14



Html Pages

1 2 3 4 5 6 7