Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCD23-0 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STCD23-0
Description  Multichannel clock distribution circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD23-0 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STCD23-0 Datasheet HTML 28Page - STMicroelectronics STCD23-0 Datasheet HTML 29Page - STMicroelectronics STCD23-0 Datasheet HTML 30Page - STMicroelectronics STCD23-0 Datasheet HTML 31Page - STMicroelectronics STCD23-0 Datasheet HTML 32Page - STMicroelectronics STCD23-0 Datasheet HTML 33Page - STMicroelectronics STCD23-0 Datasheet HTML 34Page - STMicroelectronics STCD23-0 Datasheet HTML 35Page - STMicroelectronics STCD23-0 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Package mechanical data
STCD22x0, STCD23x0, STCD24x0
32/39
Doc ID 15400 Rev 2
Table 11.
Flip Chip 12-bump, package mechanical data
Symbol
mm
in
Min
Typ
Max
Min
Typ
Max
A
0.55
0.61
0.66
0.022
0.024
0.026
A1
0.17
0.21
0.24
0.007
0.008
0.009
A2
0.38
0.40
0.42
0.015
0.016
0.017
b
0.22
0.26
0.30
0.008
0.010
0.012
D
1.55
1.60
1.65
0.061
0.063
0.065
D1
1.20
0.047
E
1.15
1.20
1.25
0.045
0.047
0.049
E1
0.80
0.031
e
0.36
0.40
0.44
0.014
0.016
0.017
DE
0.18
0.20
0.22
0.007
0.008
0.009
f
0.185
0.195
0.210
0.007
0.008
0.008
ccc
0.05
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39