| Moteur de recherche de fiches techniques de composants électroniques |
|
M22-DP-R Fiches technique(PDF) 30 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
M22-DP-R Fiches technique(HTML) 30 Page - List of Unclassifed Manufacturers |
|
30 / 89 page ![]() 30 Pushbuttons and Indicating Lights CA04716001E—March 2009 www.eaton.com 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47 47.4 Pushbuttons and Indicating Lights M22 Modular Pushbuttons Catalog Number Selection Non-Illuminated Selector Switches Note: Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers. Product Selection Non-Illuminated Selector Switches Complete Devices, Knob Type Notes Includes contact block mounting adapter. Discount Symbol: 1CD1. Type Switching Position Bezel Contact Block Configuration Catalog Number Price U.S. $ 2-Position Maintained Silver NO M22-WRK-K10 24.40 1NO-1NC M22-WRK-K11 34.50 2NO-2NC M22-WRK-K22 54.50 Black NO M22S-WRK-K10 21.40 1NO-1NC M22S-WRK-K11 31.50 2NO-2NC M22S-WRK-K22 51.50 Maintained V Silver NO M22S-WKV-K10 21.40 1NO-1NC M22S-WKV-K11 31.50 2NO-2NC M22S-WKV-K22 51.50 Black NO M22S-WKV-K10 21.40 1NO-1NC M22S-WKV-K11 31.50 3-Position Maintained Silver 2NO M22-WRK3-K20 33.00 2NO-2NC M22-WRK3-K22 53.00 Black 2NO M22S-WRK3-K20 31.50 2NO-2NC M22S-WRK3-K22 51.50 Contact Blocks K10 =NO K10P = NO, early-make Options K11 = NO-NC K22 = 2NO-2NC K20 = 2NO K02 = 2NC Rotary type only. Inscription X91 = AUTO-HAND X92 = II I Bezel Color M22 = Silver M22S = Black All momentary selector switches can be converted in the field to maintained operation with the removal of a color-coded adapter. Handle Type W = Momentary rotary WK = Momentary knob WKV = Maintained V-position knob WR = Maintained rotary WRK = Maintained knob Number of Positions Blank = 2-position 3 = 3-position 4 = 4-position M 2 2 – W R K – X 9 1 – K 1 0 – M22-WKV-K10 |