| Moteur de recherche de fiches techniques de composants électroniques |
|
DP2-21 Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DP2-21 Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 15 page ![]() DP2 803 PRECAUTIONS FOR PROPER USE Piping for pressure measurement inlet port • When connecting a coupling to the pressure measurement inlet port, hold the pressure port attachment with a spanner and make sure that the tightening torque is 9.8 N m or less. Also, in order to prevent any leakage, wind a sealing tape on the coupling when connecting. Piping for atmospheric pressure inlet port • If there is a possibility of water entering into the sensor enclosure through the atmo- spheric pressure inlet port, connect a tube to the atmo- spheric pressure inlet port through a M5 coupling and extend the other end of the tube to a safe place. In this case, ensure that this end of the tube does not get clogged. Fitting of front cover • Insert the bosses on the front cover into the guide holes at the bottom of the pressure port attachment, and push in the direction of the arrow to fit the hook. When removing the front cover, release the hook first. IP67 type Atmospheric pressure inlet port M5 coupling Tube Pressure measurement inlet port Safe place, where there is no expo- sure to water Hook Guide holes |