| Moteur de recherche de fiches techniques de composants électroniques |
|
DF201ST-G Fiches technique(PDF) 3 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
DF201ST-G Fiches technique(HTML) 3 Page - Comchip Technology |
|
3 / 4 page ![]() SMD Glass Passivated Bridge Rectifiers Page 3 REV: E QW-BBR47 Comchip Technology CO., LTD. D1 D2 D W1 Trailer Device Leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... End Start Direction of Feed Reel Taping Specification B C d D D2 D1 DFS SYMBOL (mm) (inch) 1.969 MIN. 12.00 ± 0.10 1.55 ± 0.05 50.0 MIN. 13.00 ± 0.20 4.00 ± 0.10 2.00 ± 0.10 16.00 ± 0.30 16.00~18.40 330 0.061 ± 0.002 13 0.512 ± 0.008 SYMBOL (mm) (inch) 0.630 0.012 ± 0.472 ± 0.004 0.157 ± 0.004 0.079 ± 0.004 0.630~0.724 E F P P0 P1 W W1 1.75 ± 0.10 0.069 ± 0.004 7.50 ± 0.05 0.295 ± 0.002 8.64 ± 0.10 0.340 ± 0.004 10.41 ± 0.10 0.409 ± 0.004 3.81 ± 0.10 0.150 ± 0.004 0.32 0.013 T A T C Index hole d E F B W P P0 P1 A DFS Company reserves the right to improve product design , functions and reliability without notice. |