Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NREAX Fiches technique(PDF) 6 Page - NIC-Components Corp.

No de pièce NREAX
Description  Miniature Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NIC [NIC-Components Corp.]
Site Internet  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NREAX Fiches technique(HTML) 6 Page - NIC-Components Corp.

  NREAX Datasheet HTML 1Page - NIC-Components Corp. NREAX Datasheet HTML 2Page - NIC-Components Corp. NREAX Datasheet HTML 3Page - NIC-Components Corp. NREAX Datasheet HTML 4Page - NIC-Components Corp. NREAX Datasheet HTML 5Page - NIC-Components Corp. NREAX Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RADIAL TAPED PACKAGING
Ammo Box (Tape & Box) TB, TBST
Size of box and component quantity
Ammo Box Dimensions (mm)
Scored corner
Label
⊕
-
Case Dia (D
φ)
or Case Size
Q'ty per Box
(pcs)
5x7
2,000
5x11
2,000
6.3x7
2,000
6.3x9
2,000
6.3x11
2,000
6.3x15
2,000
8x7.5
1,000
8x9
1,000
8x10.8
1,000
8x16
1,000
8x20
1,000
10x9
500
10x12.5
500
10x16
500
NRE-AX Series
Miniature Aluminum Electrolytic Capacitors



Html Pages

1 2 3 4 5 6