Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXGD3102 Fiches technique(PDF) 10 Page - Diodes Incorporated

No de pièce ZXGD3102
Description  ACTIVE OR?섾NG CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3102 Fiches technique(HTML) 10 Page - Diodes Incorporated

Back Button ZXGD3102 Datasheet HTML 6Page - Diodes Incorporated ZXGD3102 Datasheet HTML 7Page - Diodes Incorporated ZXGD3102 Datasheet HTML 8Page - Diodes Incorporated ZXGD3102 Datasheet HTML 9Page - Diodes Incorporated ZXGD3102 Datasheet HTML 10Page - Diodes Incorporated ZXGD3102 Datasheet HTML 11Page - Diodes Incorporated ZXGD3102 Datasheet HTML 12Page - Diodes Incorporated ZXGD3102 Datasheet HTML 13Page - Diodes Incorporated ZXGD3102 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Issue 4, May 2009
10
www.diodes.com
©Diodes Incorporated 2008
ZXGD3102T8
Active OR’ing or N+1 redundancy
• In normal operation, power supply A and B share the load for maximum reliability.
• Power supply A supports the load if power supply B fails and vice versa.
• Blocking diodes protect the load from a faulty power supply affecting the load voltage.
• The load can be tens of amps.
• Dissipation in the diodes can be high!
• The ZXGD3102 is designed to switch the low on-resistance MOSFETs used to replace the
blocking diodes.
Figure 1: OR’ING with Schottky Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15