Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM706PAM6F Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STM706PAM6F
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706PAM6F Fiches technique(HTML) 5 Page - STMicroelectronics

  STM706PAM6F Datasheet HTML 1Page - STMicroelectronics STM706PAM6F Datasheet HTML 2Page - STMicroelectronics STM706PAM6F Datasheet HTML 3Page - STMicroelectronics STM706PAM6F Datasheet HTML 4Page - STMicroelectronics STM706PAM6F Datasheet HTML 5Page - STMicroelectronics STM706PAM6F Datasheet HTML 6Page - STMicroelectronics STM706PAM6F Datasheet HTML 7Page - STMicroelectronics STM706PAM6F Datasheet HTML 8Page - STMicroelectronics STM706PAM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
STM706T/S/R, STM706P, STM708T/S/R
Description
Doc ID 10518 Rev 12
5/32
1
Description
The STM70x supervisors are self-contained devices which provide microprocessor
supervisory functions. A precision voltage reference and comparator monitors the VCC input
for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output
(RST) is forced low (or high in the case of RST).
These devices also offer a watchdog timer (except for STM708T/S/R) as well as a power-fail
comparator to provide the system with an early warning of impending power failure.
The STM706P device is identical to the STM706R device, except its reset output is active
high. These devices are available in a standard 8-pin SOIC package or a space-saving 8-pin
TSSOP package.
Figure 1.
Logic diagram (STM706T/S/R and STM706P)
1.
For STM706P only.
Figure 2.
Logic diagram (STM708T/S/R)
AI08841
VCC
STM706T/S/R,
STM706P
VSS
WDO
RST (RST)
(1)
WDI
PFI
MR
PFO
AI08842
VCC
STM708T/S/R
VSS
RST
RST
MR
PFI
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32