| Moteur de recherche de fiches techniques de composants électroniques |
|
NPI43LS180MTRF Fiches technique(PDF) 4 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NPI43LS180MTRF Fiches technique(HTML) 4 Page - NIC-Components Corp. |
|
4 / 11 page ![]() 4 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com ® NPI Unshielded Power Inductors NPI__LS Series Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change. Series Standard Values - Case Size 35 (3.0 x 3.0 x 1.7mm) Inductance ( μH) Tolerance Test Conditions DCR ( Ω) Isat (Amps) Irms (Amps) SRF (MHz) NPI35LSR68MTRF 0.68 ±20% 100KHz, 1V 0.028 3.81 2.23 170 NPI35LS1R0MTRF 1.0 ±20% 100KHz, 1V 0.04 3.27 1.85 150 NPI35LS1R2MTRF 1.2 ±20% 100KHz, 1V 0.053 2.84 1.61 133 NPI35LS1R5MTRF 1.5 ±20% 100KHz, 1V 0.06 2.6 1.51 113 NPI35LS1R8MTRF 1.8 ±20% 100KHz, 1V 0.068 2.32 1.41 96 NPI35LS2R2MTRF 2.2 ±20% 100KHz, 1V 0.089 2.07 1.24 91 NPI35LS2R7MTRF 2.7 ±20% 100KHz, 1V 0.106 1.01 1.13 80 NPI35LS3R3MTRF 3.3 ±20% 100KHz, 1V 0.116 1.79 1.09 75 NPI35LS3R6MTRF 3.6 ±20% 100KHz, 1V 0.128 1.66 1.03 66 NPI35LS3R9MTRF 3.9 ±20% 100KHz, 1V 0.146 1.62 0.97 65 NPI35LS4R7MTRF 4.7 ±20% 100KHz, 1V 0.206 1.44 0.82 57 NPI35LS5R6MTRF 5.6 ±20% 100KHz, 1V 0.222 1.37 0.79 54 NPI35LS6R8MTRF 6.8 ±20% 100KHz, 1V 0.253 1.24 0.73 50 NPI35LS100MTRF 10 ±20% 100KHz, 1V 0.328 1.06 0.65 26 NPI35LS120MTRF 12 ±20% 100KHz, 1V 0.451 0.9 0.55 32 NPI35LS150MTRF 15 ±20% 100KHz, 1V 0.52 0.82 0.5 30 NPI35LS180MTRF 18 ±20% 100KHz, 1V 0.565 0.75 0.5 28 NPI35LS220MTRF 22 ±20% 100KHz, 1V 0.763 0.7 0.42 25 NPI35LS270MTRF 27 ±20% 100KHz, 1V 1.006 0.62 0.37 21 NPI35LS330MTRF 33 ±20% 100KHz, 1V 1.156 0.56 0.34 18 NPI35LS360MTRF 36 ±20% 100KHz, 1V 1.223 0.53 0.33 18 NPI35LS390MTRF 39 ±20% 100KHz, 1V 1.298 0.51 0.32 17 NPI35LS430MTRF 43 ±20% 100KHz, 1V 1.372 0.5 0.32 17 NPI35LS470MTRF 47 ±20% 100KHz, 1V 1.447 0.48 0.31 16 |