| Moteur de recherche de fiches techniques de composants électroniques |
|
NPI35LS3R3MTRF Fiches technique(PDF) 3 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NPI35LS3R3MTRF Fiches technique(HTML) 3 Page - NIC-Components Corp. |
|
3 / 11 page ![]() 3 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com ® NPI Unshielded Power Inductors NPI__LS Series Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change. Series Standard Values - Case Size 32 (3.0 x 3.0 x 1.4mm) Inductance ( μH) Tolerance Test Conditions DCR ( Ω) Isat (Amps) Irms (Amps) SRF (MHz) NPI32LSR75MTRF 0.75 ±20% 100KHz, 1V 0.037 3.31 1.74 180 NPI32LS1R0MTRF 1.0 ±20% 100KHz, 1V 0.045 2.93 1.59 150 NPI32LS2R2MTRF 2.2 ±20% 100KHz, 1V 0.097 2.02 1.08 100 NPI32LS3R3MTRF 3.3 ±20% 100KHz, 1V 0.164 1.62 0.83 81 NPI32LS3R9MTRF 3.9 ±20% 100KHz, 1V 0.177 1.49 0.8 72 NPI32LS4R7MTRF 4.7 ±20% 100KHz, 1V 0.212 1.36 0.73 65 NPI32LS5R6MTRF 5.6 ±20% 100KHz, 1V 0.227 1.28 0.71 60 NPI32LS6R2MTRF 6.2 ±20% 100KHz, 1V 0.246 1.22 0.68 56 NPI32LS 6R8MTRF 6.8 ±20% 100KHz, 1V 0.27 1.16 0.65 51 NPI32LS7R5MTRF 7.5 ±20% 100KHz, 1V 0.285 1.07 0.63 46 NPI32LS9R1MTRF 9.1 ±20% 100KHz, 1V 0.357 0.98 0.56 44 NPI32LS100MTRF 10 ±20% 100KHz, 1V 0.378 0.95 0.55 43 NPI32LS120MTRF 12 ±20% 100KHz, 1V 0.503 0.84 0.48 37 NPI32LS150MTRF 15 ±20% 100KHz, 1V 0.663 0.75 0.41 31 NPI32LS180MTRF 18 ±20% 100KHz, 1V 0.762 0.68 0.39 30 NPI32LS220MTRF 22 ±20% 100KHz, 1V 0.864 0.62 0.36 27 NPI32LS270MTRF 27 ±20% 100KHz, 1V 1.005 0.57 0.34 23 NPI32LS330MTRF 33 ±20% 100KHz, 1V 1.145 0.5 0.32 20 NPI32LS360MTRF 36 ±20% 100KHz, 1V 1.49 0.48 0.28 21 NPI32LS390MTRF 39 ±20% 100KHz, 1V 1.585 0.47 0.27 20 NPI32LS470MTRF 47 ±20% 100KHz, 1V 1.78 0.44 0.25 18 NPI32LS510MTRF 51 ±20% 100KHz, 1V 1.88 0.42 0.25 17 NPI32LS560MTRF 56 ±20% 100KHz, 1V 2.21 0.38 0.23 15 NPI32LS620MTRF 62 ±20% 100KHz, 1V 2.19 0.39 0.23 15 NPI32LS680MTRF 68 ±20% 100KHz, 1V 2.99 0.35 0.2 14 NPI32LS820MTRF 82 ±20% 100KHz, 1V 3.505 0.31 0.18 13 |