| Moteur de recherche de fiches techniques de composants électroniques |
|
SMBG28 Fiches technique(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
SMBG28 Fiches technique(HTML) 3 Page - Microsemi Corporation |
|
3 / 4 page ![]() SURFACE MOUNT 600 Watt Transient Voltage Suppressor S C O T TS DALE DIVISION SMBJ5.0 thru SMBJ170A, CA, e3 and SMBG5.0 thru SMBG170A, CA, e3 MICROSEMI PART NUMBER BREAKDOWN VOLTAGE V(BR) @ I(BR) Volts GULL-WING LEAD MODIFIED “J” BEND LEAD REVERSE STAND-OFF VOLTAGE VWM Volts MIN. MAX. I(BR) mA MAXIMUM CLAMPING VOLTAGE @ IPP Volts PEAK PULSE CURRENT (See Fig. 2) IPP Amps MAXIMUM STANDBY CURRENT @ VWM ID μA SMBG48 SMBG48A SMBG51 SMBG51A SMBJ48 SMBJ48A SMBJ51 SMBJ51A 48 48 51 51 53.3 – 65.1 53.3 – 58.9 56.7 – 69.3 56.7 – 62.7 1 1 1 1 85.5 77.4 91.1 82.4 7.0 7.7 6.6 7.3 1 1 1 1 SMBG54 SMBG54A SMBG58 SMBG58A SMBJ54 SMBJ54A SMBJ58 SMBJ58A 54 54 58 58 60.0 – 73.3 60.0 – 66.3 64.4 – 78.7 64.4 – 71.2 1 1 1 1 96.3 87.1 103 93.6 6.2 6.9 5.8 6.4 1 1 1 1 SMBG60 SMBG60A SMBG64 SMBG64A SMBJ60 SMBJ60A SMBJ64 SMBJ64A 60 60 64 64 66.7 – 81.5 66.7 – 73.7 71.1 – 86.9 71.1 – 78.6 1 1 1 1 107 96.8 114 103 5.6 6.2 5.3 5.8 1 1 1 1 SMBG70 SMBG70A SMBG75 SMBG75A SMBJ70 SMBJ70A SMBJ75 SMBJ75A 70 70 75 75 77.8 – 95.1 77.8 – 86.0 83.3 – 102 83.3 – 92.1 1 1 1 1 125 113 134 121 4.8 5.3 4.5 4.9 1 1 1 1 SMBG78 SMBG78A SMBG85 SMBG85A SMBJ78 SMBJ78A SMBJ85 SMBJ85A 78 78 85 85 86.7 – 106 86.7 – 95.8 94.4 – 115 94.4 – 104 1 1 1 1 139 126 151 137 4.3 4.7 3.9 4.4 1 1 1 1 SMBG90 SMBG90A SMBG100 SMBG100A SMBJ90 SMBJ90A SMBJ100 SMBJ100A 90 90 100 100 100 – 122 100 – 111 111 – 136 111 – 123 1 1 1 1 160 146 179 162 3.8 4.1 3.4 3.7 1 1 1 1 SMBG110 SMBG110A SMBG120 SMBG120A SMBJ110 SMBJ110A SMBJ120 SMBJ120A 110 110 120 120 122 – 149 122 – 135 133 – 163 133 – 147 1 1 1 1 196 177 214 193 3.0 3.4 2.8 3.1 1 1 1 1 SMBG130 SMBG130A SMBG150 SMBG150A SMBJ130 SMBJ130A SMBJ150 SMBJ150A 130 130 150 150 144 – 176 144 – 159 167 – 204 167 – 185 1 1 1 1 231 209 268 243 2.6 2.9 2.2 2.5 1 1 1 1 SMBG160 SMBG160A SMBG170 SMBG170A SMBJ160 SMBJ160A SMBJ170 SMBJ170A 160 160 170 170 178 – 218 178 – 197 189 – 231 189 – 209 1 1 1 1 287 259 304 275 2.1 2.3 2.0 2.2 1 1 1 1 • For Bidirectional device types indicate a C or CA suffix after the part number. (i.e.: SMBG170CA or SMBJ170C). Bidirectional capacitance is half that shown in figure 4 at zero volts. • Microsemi Corp’s SMB series (600 W) surface mountable packages are designed specifically for transient voltage suppression. The wide leads assure a large surface contact for good heat dissipation, and a low resistance path for surge current flow to ground. These high speed transient voltage suppressors can be used to effectively protect sensitive components such as integrated circuits and MOS devices. SYMBOLS & DEFINITIONS Symbol Definition Symbol Definition VWM Working Peak (Standoff) Voltage IPP Peak Pulse Current PPP Peak Pulse Power VC Clamping Voltage V(BR) Breakdown Voltage I(BR) Breakdown Current for V(BR) ID Standby Current Microsemi Scottsdale Division Page 3 Copyright © 2009 SA3-37, REV J, 5-24-2009 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |