Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX200098 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce AX200098
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AX200098 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  AX200098 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX200098 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX200098 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX200098 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX200098 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX200098 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX200098 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX200098 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX200098 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.3
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Fiber
Express Cables
Distribution & Breakout Cable Series
16.20–
●●
Multimode and Single-mode
16.23
Interconnect Cable Series
16.19
●
Multimode and Single-mode
Loose Tube (Campus) Cable Series
16.27–
●●
MM, SM, Composite MM/SM
16.34
Ribbon Cable Series
16.26
●●●●
Multimode and Single-mode
Cross-Connect Hardware in the Telecom Room
Fiber
Express Manager with
16.11
Fiber
Express Manager Connector Modules
●●●●
Multimode and Single-mode
Fiber
Express Rack Mount Patch Panel
16.12
with Universal Adapter Strips
●●
●
Multimode and Single-mode
Fiber
Express Wall Mount Patch Panel
16.13
with Universal Adapter Strips
●●
●
Multimode and Single-mode
Fiber
Express Bar:
16.8
●●●●
Multimode and Single-mode
Patch Cords in the Telecom Room and at the Work Area
Fiber
Express Patch Cords:
16.6
●●●●
Multimode and Single-mode
Outlets at the Work Area
MDVO® Multimedia Outlets
16.16
●
with MDVO Multimedia Modules
MediaFlex® Outlets
16.15
●
with MediaFlex Multimedia Inserts
Fiber
Express Bar
16.8
●●
Multimode and Single-mode (as MUTOA)
Fiber Connectivity
Optimax® Connectors
16.4
●●
●
Multimode and Single-mode
Epoxy Field Mountable Connectors
16.5
●●
●
Multimode and Single-mode
Fiber Pigtails
16.8
●●
●
Multimode and Single-mode
MM = Multimode • SM = Single-mode
*Fiber
Express Pre-terminated Solutions provide simple-to-install, high-performance fiber channels through custom length, high precision factory terminated cables and matching optical connectivity components.
Fiber
Express®
System Matrix
Page
No.
Fiber-to-the-Desk (FTTD)
and Centralized Fiber
Fiber Backbone
(In-Building)
Fiber Backbone
(Campus)
Fiber
Express
Pre-Terminated Solutions*
Fiber Channel Topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35