Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX200091 Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers

No de pièce AX200091
Description  Belden IBDN FiberExpress Systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AX200091 Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AX200091 Datasheet HTML 17Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 18Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 19Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 20Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 21Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 22Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 23Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 24Page - List of Unclassifed Manufacturers AX200091 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.21
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Distribution Cable
Tight Buffer — Indoor Riser, Plenum & LSZH Rated (continued)
Single-mode
Enhanced
50 / 125µm
10 Gbe – 300M
50 / 125µm
Std. / 1 Gbe
Belden Part Number
Distribution Cable Series
Riser (NEC/CEC OFNR/OFN FT4)
2
M9B037
M9A037
M9C037
M9W037
0.184
4.67
13
19
180
801
4
M9B038
M9A038
M9C038
M9W038
0.200
5.08
16
24
195
867
6
M9B039
M9A039
M9C039
M9W039
0.220
5.59
19
28
270
1201
8
M9B040
M9A040
M9C040
M9W040
0.235
5.97
22
33
270
1201
12
M9B042
M9A042
M9C042
M9W042
0.255
6.48
27
40
300
1334
24
M9B601*
M9A601*
M9C601*
M9W601*
0.325
8.26
42
63
390
1735
24
M9B602
M9A602
M9C602
M9W602
0.496
12.60
83
124
960
4270
36
M9B604
M9A604
M9C604
M9W604
0.644
16.36
137
204
1440
6405
48
M9B606
M9A606
M9C606
M9W606
0.627
15.93
131
195
945
4203
72
M9B609
M9A609
M9C609
M9W609
0.750
19.10
195
290
1350
6005
96
M9B622
M9A622
M9C622
M9W622
0.895
22.70
290
432
1983
8820
144
M9B619
M9A619
M9C619
M9W619
0.964
24.49
314
467
2745
12210
Composite Riser Cables
6xSM/12x62.5
M96992
12xSM/12x62.5
M96963
6xSM/12x50
M96909
12xSM/12x50
M96908
Plenum (NEC/CEC OFNP/OFN FT6)
2
M9B043
M9A043
M9C043
M9W043
0.184
4.67
14
21
180
801
4
M9B044
M9A044
M9C044
M9W044
0.174
4.42
13
19
195
867
6
M9B045
M9A045
M9C045
M9W045
0.190
4.83
16
24
270
1201
8
M9B046
M9A046
M9C046
M9W046
0.222
5.64
19
28
270
1201
12
M9B048
M9A048
M9C048
M9W048
0.225
5.72
22
33
300
1334
24
M9B611*
M9A611*
M9C611*
M9W611*
0.330
8.38
40
60
390
1735
24
M9B612
M9A612
M9C612
M9W612
0.493
12.52
89
132
1263
5618
36
M9B614
M9A614
M9C614
M9W614
0.594
15.09
134
199
1913
8509
48
M9B616
M9A616
M9C616
M9W616
0.599
15.21
131
195
1245
5538
72
M9B620
M9A620
M9C620
M9W620
0.754
19.15
197
293
2093
9310
96
M9B623
M9A623
M9C623
M9W623
0.904
22.96
268
399
2160
9608
144
M9B621
M9A621
M9C621
M9W621
1.047
26.59
365
543
3645
16213
Composite Plenum Cables
6xSM/6x62.5
M97174
6xSM/12x62.5
M97041
12xSM/12x62.5
M97219
6xSM/6x50
M97412
6xSM/12x50
M97411
12xSM/12x50
M96780
LSZH (NEC/CEC OFNR/OFN FT4)
2
M9B100
M9A100
M9C100
M9W100
0.184
4.67
15
22
180
800
4
M9B101
M9A101
M9C101
M9W101
0.200
5.08
17
25
195
867
6
M9B102
M9A102
M9C102
M9W102
0.220
5.59
21
31
270
1201
8
M9B103
M9A103
M9C103
M9W103
0.235
5.97
24
36
270
1201
12
M9B104
M9A104
M9C104
M9W104
0.255
6.48
29
43
300
1334
16
M9B105
M9A105
M9C105
M9W105
0.347
8.80
43
63
315
1400
24
M9B107
M9A107
M9C107
M9W107
0.386
9.80
54
79
450
2000
36
M9B111
M9A111
M9C111
M9W111
0.798
20.00
214
313
1619
7200
48
M9B112
M9A112
M9C112
M9W112
0.835
21.20
237
347
1619
7200
72
M9B114
M9A114
M9C114
M9W114
0.883
22.40
270
395
1619
7200
96
M9B116
M9A116
M9C116
M9W116
0.973
24.70
364
532
1619
7200
144
M9B120
M9A120
M9C120
M9W120
1.087
27.60
384
561
1619
7200
Construction for LSZH cables differs from the drawing. Alternative fiber counts are available.
*Single jacket design.
No. of
Fibers
62.5 / 125µm
Std. / 1 Gbe
Inch
mm
Outside Diameter
Lbs./1000
′′
kg/km
Weight
Max. Install Load
Lbs.
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35