Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HX-R-BNC Fiches technique(PDF) 17 Page - List of Unclassifed Manufacturers

No de pièce HX-R-BNC
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

HX-R-BNC Fiches technique(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button HX-R-BNC Datasheet HTML 13Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 14Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 15Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 16Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 17Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 18Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 19Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 20Page - List of Unclassifed Manufacturers HX-R-BNC Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
24
NC3FBV1
NC3MBV
NC3FBV1
NC3MBV
NC3FBV1
NC3MBV
NC3FBAV
NC3MBAV
NC3FBAH
NC3MBAH
NC3FBV1
NC3MBV
NC3FBAV2
NC3MBAH
innovative
solutions
I superior quality
XLR
Chassis
Connectors
XLR
Chassis
Connectors
• The B Series XLR receptable offers the same features as our
A Series product line with the added feature of a metal ring
• Metal ring on shell (nickel or black) features complete EMC
and RF protection
• Female versions available latchless
• Rear mount only
• "Tulip" type female contact
• Fastening with Nickel B-Screw-1-8
• Economical version of B-Series product with modified metal
flange
• Available in 3, 4 and 5 pole version with nickel metal ring
• Rear mount only
• "Fork" type female contact
• Fastening with A-Screw-1-8
B Series
BA Series
Circumferential
metal ring
Front panel
grounding
Tear drop contact
design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29