| Moteur de recherche de fiches techniques de composants électroniques |
|
IRF2807Z Fiches technique(PDF) 9 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF2807Z Fiches technique(HTML) 9 Page - International Rectifier |
|
9 / 13 page ![]() IRF2807Z/S/L www.irf.com 9 LEAD ASSIGNMENTS 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN - B - 1.32 (.052) 1.22 (.048) 3X 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3X 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) MIN 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - A - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3X 1.40 (.055) 1.15 (.045) 2.54 (.100) 2X 0.36 (.014) M B A M 4 1 2 3 NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 2 CONTROLLING DIMENSION : INCH 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS. TO-220AB Part Marking Information TO-220AB Package Outline Dimensions are shown in millimeters (inches) PART NUMBER INTERNATIONAL RECTIFIER LOGO EXAMPLE : THIS IS AN IRF1010 WITH ASSEMBLY LOT CODE 9B1M ASSEMBLY LOT CODE DATE CODE (YYWW) YY = YEAR WW = WEEK 9246 IRF1010 9B 1M A |