| Moteur de recherche de fiches techniques de composants électroniques |
|
ZXTD4591AM832TC Fiches technique(PDF) 8 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
ZXTD4591AM832TC Fiches technique(HTML) 8 Page - Diodes Incorporated |
|
8 / 10 page ![]() ZXTD4591AM832 Issue 2 - April 2008 8 www.zetex.com © Zetex Semiconductors plc 2008 Package outline MLP832 Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches Dim. Millimeters Inches Dim. Millimeters Inches Min. Max. Min. Max. Min. Max. Min. Max. A 0.80 1.00 0.0315 0.0394 e 0.65 BSC 0.0256 BSC A1 0.00 0.05 0.00 0.002 E 2.00 BSC 0.0787 BSC A2 0.65 0.75 0.0256 0.0295 E2 0.43 0.63 0.017 0.0248 A3 0.15 0.25 0.006 0.0098 E4 0.16 0.36 0.006 0.014 b 0.24 0.34 0.0095 0.0134 L 0.20 0.45 0.0079 0.0177 b1 0.17 0.30 0.0068 0.0118 L2 0.00 0.125 0.00 0.005 D 3.00 BSC 0.118 BSC r 0.075 BSC 0.0029 BSC D2 0.82 1.02 0.0323 0.0402 0 ° 12 ° 0 ° 12 ° D3 1.01 1.21 0.0398 0.0476 - - - - - OBSOLETE - PLEASE USE ZXTC4591AMC |