Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BMM150 Fiches technique(PDF) 15 Page - List of Unclassifed Manufacturers

No de pièce BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Fiches technique(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 11Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 12Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 13Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 14Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 15Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 16Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 17Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 18Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 15
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Note:
Please also see chapter 5 for detailed register descriptions.
4.3.2 Magnetic field data temperature compensation
The raw register values DATAX, DATAY, DATAZ and RHALL are read out from the host
processor using the BMM150 API/driver which is provided by Bosch Sensortec. The API/driver
performs an off-chip temperature compensation and outputs x/y/z magnetic field data in
16 LSB/µT to the upper application layer:
Figure 3: Calculation flow of magnetic field data from raw BMM150 register data
The API/driver performs all calculations using highly optimized fixed-point C-code arithmetic.
For platforms that do not support C code, a floating-point formula is available as well.
BMM150
sensor
Hardware level
Software
driver level
BMM150
API / driver
(provided by
Bosch Sensortec)
Application
Software
application level
Magnetometer raw register data
(DATAX, DATAY, DATAZ, RHALL)
Temperature and sensitivity compensated
magnetic field data x/y/z available in:
- short int (16 LSB/µT, limited Z range)
- long int (16 LSB/µT)
- float (µT)
Config
Config
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56