Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NFSC Fiches technique(PDF) 3 Page - NIC-Components Corp.

No de pièce NFSC
Description  Surface Mount Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NIC [NIC-Components Corp.]
Site Internet  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFSC Fiches technique(HTML) 3 Page - NIC-Components Corp.

  NFSC Datasheet HTML 1Page - NIC-Components Corp. NFSC Datasheet HTML 2Page - NIC-Components Corp. NFSC Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Type
A +0/-3
B +1/-0
C ±0.20
W ±0.3
Qty
NFSC06
180
60
13
9.0
5,000
Type
A
B
W
F
E
P
1
P
0
φDT
1
T
2
Qty/Reel
NFSC06
1.15 ±0.15
1.90 ±0.20
8.00
±0.20
3.50
±0.05
1.75
±0.10
4.00 ±0.05
4.00
±0.05
1.55
±0.05
0.7 max.
0.8 max.
5,000
B
C
E
D
A
W
Surface Mount Fuse
NFSC Series
REEL DIMENSIONS (mm) AND QUANTITY
CARRIER TAPE DIMENSIONS (mm)
φ1.5+0.1/-0.0
4.0 ±0.1
W
F
A
P1
t
2
t
1
B



Html Pages

1 2 3