| Moteur de recherche de fiches techniques de composants électroniques |
|
NCSW Fiches technique(PDF) 2 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NCSW Fiches technique(HTML) 2 Page - NIC-Components Corp. |
|
2 / 2 page ![]() ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com 24 25 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com Type A ± 0.1 B ± 0.2 W ± 0.3 F ± 0.10 E ± 0.1 P0 ± 0.1 P1 ± 0.1 φD ± 0.05 φD1 ± 0.05 T ± 0.05 K ± 0.2 NCSW100 2.40 4.25 12.0 5.50 1.75 4.0 4.0 1.55 - 0.3 0.7 NCSW200 2.40 8.00 16.0 7.50 - EMBOSSED PLASTIC CARRIER DIMENSIONS (mm) D0 P1 T K A P0 D1 B C W A Type A B C W Quantity NCSW100 180 +3/-0 60 +1/-0 13.0 ± 0.2 9.0 ± 0.3 4,000 NCSW200 17.0 ± 0.3 4,000 REEL DIMENIONS (mm) AND QUANTITY Surface Mount Current Sensing Resistors NCSW Series A B C NCSW100 1.4 1.2 7.9 NCSW200 1.4 1.2 15.8 LAND PATTERN DIMENSIONS (mm) B A C |