Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DPP15 Fiches technique(PDF) 2 Page - RSG Electronic Components GmbH

No de pièce DPP15
Description  15-100W, 5-48V Output DIN Rail Mount Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RSG [RSG Electronic Components GmbH]
Site Internet  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DPP15 Fiches technique(HTML) 2 Page - RSG Electronic Components GmbH

  DPP15 Datasheet HTML 1Page - RSG Electronic Components GmbH DPP15 Datasheet HTML 2Page - RSG Electronic Components GmbH DPP15 Datasheet HTML 3Page - RSG Electronic Components GmbH DPP15 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DPP15-100 Series
2
Installation
Snap-on Mounting - snap onto DIN Rail TS35/7.5 or TS35/15 (no tools required)
Cooling - Nornal Convection
Clearance - 25mm all sides
Connection - Use copper wire 0.5-2.5mm2 (AWG24-12)
Outline Drawing DPP15 Series
Model Selector
Output
Output
Output
Max. Output
Efficiency at
Model
Voltage (V)
Adjust (V)
Curr. (A)
Power (W)
Full Load (%)
DPP25-5
5
5-6
5
25
78
DPP30-12
12
9.9-12.1
2.5
30
82
DPP50-15
15
11.9-15.1
3.4
50
85
DPP15-24
24
22.5-28.5
0.63
15
80
DPP30-24
24
22.5-28.5
1.3
30
84
DPP50-24
24
22.5-28.5
2.1
50
86
DPP100-24
24
22.5-28.5
4.2
100
87
DPP50-48
48
48-56
1.05
50
87



Html Pages

1 2 3 4