Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM4961GS Fiches technique(PDF) 13 Page - Diodes Incorporated

No de pièce AM4961GS
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4961GS Fiches technique(HTML) 13 Page - Diodes Incorporated

Back Button AM4961GS Datasheet HTML 6Page - Diodes Incorporated AM4961GS Datasheet HTML 7Page - Diodes Incorporated AM4961GS Datasheet HTML 8Page - Diodes Incorporated AM4961GS Datasheet HTML 9Page - Diodes Incorporated AM4961GS Datasheet HTML 10Page - Diodes Incorporated AM4961GS Datasheet HTML 11Page - Diodes Incorporated AM4961GS Datasheet HTML 12Page - Diodes Incorporated AM4961GS Datasheet HTML 13Page - Diodes Incorporated AM4961GS Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
13
May. 2011 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961
6.350(0.250)
6.550(0.258)
1.470(0. 058)
1.570(0. 062)
1.450(0.057)
1.550(0.061)
0.750(0.030)
0.850(0.033)
0.650(0.026)
BSC
1.300(0. 051)
BSC
6.200(0.244)
6.600(0.260)
0.340(0.013)
0.540(0.021)
1.200(0.047)
MAX
0.050(0.002)
0.200(0.008)
0.900(0.035)
1.050(0.041)
4.300(0.169)
4.500(0.177)
SEE
DETAIL A
0. 250(0.010)
BSC
R0.090(0.004)
MIN
R0.090(0. 004)
MIN
0.200(0.008)
MIN
10
14
0.450(0.018)
0.750(0.030)
1. 000(0.039)
REF
0
8
DETAIL A
°
°
°
°
Note: Eject hole, oriented hole and mold mark is optional.
0.200(0.008) or 1.480(0.058)
0.280(0.011) or 1.610(0.063)
0.100(0.004)
0.150(0.006)
0.100(0.004)
0.190(0.007)
0.200(0.008) or 1.470(0.058)
0.240(0.009) or 1.570(0.062)
BASE METAL
Mechanical Dimensions (Continued)
HTSSOP-14
Unit: mm(inch)
Φ
Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14