| Moteur de recherche de fiches techniques de composants électroniques |
|
AM9789 Fiches technique(PDF) 11 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AM9789 Fiches technique(HTML) 11 Page - Diodes Incorporated |
|
11 / 18 page ![]() Data Sheet Single Phase Full-wave Motor Driver for Silent Fan Motor AM9789 Oct. 2012 Rev. 1. 1 BCD Semiconductor Manufacturing Limited 11 Typical Application (Continued) For MSOP-8 package Figure 9. Typical Applications of AM9789 (Note 2) Note 2: D1 is an ordinary diode used to filter the noise from VCC and protect IC if VCC and GND are plugged reversed. C1=1 µF/10V typical. R1 and R2 should be fine tuned based on system design. They can be removed according to the system requirements. Zener diode (D2) is an optional choice. RFG=10kΩ typical. |