| Moteur de recherche de fiches techniques de composants électroniques |
|
MMSZ10V Fiches technique(PDF) 3 Page - PACELEADER INDUSTRIAL |
|
|
|||||||||||||||||||||||||||||
MMSZ10V Fiches technique(HTML) 3 Page - PACELEADER INDUSTRIAL |
|
3 / 4 page ![]() 3 www.paceleader.tw o AMIBIENT TEMPERATURE ( C) o JUNCTION TEMPERATURE ( C) ZENER VOLTAGE (V) ZENER VOLTAGE (V) ZENER VOLTAGE (V) FIG.1-TOTAL POWER DISSIPATION VS. AMBIENT TEMPERATURE FIG. 3-TYPICAL CHANGE OF WORKING VOLTAGE VS. JUNCTION TEMPERATURE FIG. 2-TYPICAL CHANGE OF WORKING VOLTAGE o UNDER OPERATING CONDITIONS AT TA =25 C FIG. 4-TEMPERA TURE COEFFICIENT OF VZ VS. Z-VOLTAGE FIG. 5-DIODE CAPACITANCE VS. Z-VOLTAGE 0 0 100 200 300 400 500 600 40 80 120 160 200 0 0 10 100 1000 5 10 15 20 25 -60 0.8 0 0.9 60 1.0 120 1.1 180 1.2 240 1.3 0 0 0 -5 0 5 10 15 10 20 30 40 50 50 100 150 200 5 10 15 20 25 -4 8 x 10 /K I = 5mA Z I = 5mA Z -4 10 x 10 /K -4 -4 x 10 /K -4 -2 x 10 /K 0 -4 2 x 10 /K -4 4 x 10 /K -4 6 x 10 /K SURFACE MOUNT ZENER TYPE SURFACE MOUNT ZENER TYPE MMSZ2V4 thru MMSZ75V |