Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M22-DR-R Fiches technique(PDF) 30 Page - List of Unclassifed Manufacturers

No de pièce M22-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

M22-DR-R Fiches technique(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button M22-DR-R Datasheet HTML 26Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 27Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 28Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 29Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 30Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 31Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 32Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 33Page - List of Unclassifed Manufacturers M22-DR-R Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
30
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Catalog Number Selection
Non-Illuminated Selector Switches
Note:
Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers.
Product Selection
Non-Illuminated Selector Switches
Complete Devices, Knob Type
Notes
Includes contact block mounting adapter.
Discount Symbol: 1CD1.
Type
Switching Position
Bezel
Contact Block
Configuration
Catalog Number
Price
U.S. $
2-Position
Maintained
Silver
NO
M22-WRK-K10
24.40
1NO-1NC
M22-WRK-K11
34.50
2NO-2NC
M22-WRK-K22
54.50
Black
NO
M22S-WRK-K10
21.40
1NO-1NC
M22S-WRK-K11
31.50
2NO-2NC
M22S-WRK-K22
51.50
Maintained V
Silver
NO
M22S-WKV-K10
21.40
1NO-1NC
M22S-WKV-K11
31.50
2NO-2NC
M22S-WKV-K22
51.50
Black
NO
M22S-WKV-K10
21.40
1NO-1NC
M22S-WKV-K11
31.50
3-Position
Maintained
Silver
2NO
M22-WRK3-K20
33.00
2NO-2NC
M22-WRK3-K22
53.00
Black
2NO
M22S-WRK3-K20
31.50
2NO-2NC
M22S-WRK3-K22
51.50
Contact Blocks
K10 =NO
K10P = NO, early-make
Options
K11 = NO-NC
K22 = 2NO-2NC
K20 = 2NO
K02 = 2NC
Rotary type only.
Inscription
X91 = AUTO-HAND
X92 = II I
Bezel Color
M22 = Silver
M22S = Black
All momentary selector switches can be
converted in the field to maintained operation
with the removal of a color-coded adapter.
Handle Type
W = Momentary rotary
WK = Momentary knob
WKV = Maintained V-position knob
WR = Maintained rotary
WRK = Maintained knob
Number of Positions
Blank = 2-position
3 = 3-position
4 = 4-position
M 2 2 – W R K
– X 9 1 – K 1 0
–
M22-WKV-K10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89