Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M22-R10K Fiches technique(PDF) 57 Page - List of Unclassifed Manufacturers

No de pièce M22-R10K
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

M22-R10K Fiches technique(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button M22-R10K Datasheet HTML 53Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 54Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 55Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 56Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 57Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 58Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 59Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 60Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
57
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Catalog Number Selection
Palm Switches, Type 4X/13 Enclosure
Note:
Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers.
Product Selection
Complete Devices
Operator, Base and Contact Blocks
Components
Operators Only
Palm Switch Enclosure Base
Contact Blocks
Notes
Available Q2 2009.
For complete listing of available contact blocks, see Accessories, Pages 59–64.
Discount Symbol: 1CD1.
Operator Type
FAK = Palm Switch
Contact Blocks
KC10 =NO
KC01 =NC
CKC10 =NO
CKC01 =NC
Operator Color
S = Black
R =Red
Y = Yellow
Enclosure Top Color
I = Gray
IY = Yellow
FAK –S – K C 1 0 –I
Type
Button
Color
Contact
Block
Configuration
Catalog
Number
Price
U.S. $
Momentary Black
1NO-1NC
FAK-S-KC11-I
164.00
Red
1NO-1NC
FAK-R-KC11-I
164.00
Yellow
1NO-1NC
FAK-Y-KC11-I
164.00
Maintained Red
NC
FAK-R-V-KC01-IY
205.00
2NC
FAK-R-V-KC02-IY
215.00
1NO-2NC
FAK-R-V-KC12-IY
225.00
1NO-1NC
FAK-R-V-KC11-IY
215.00
FAK-S-KC11-I
FAK-R-V-KC01-IY
Type
Button Color
Catalog
Number
Price
U.S. $
Momentary
Black
FAK-S
108.00
Red
FAK-R
108.00
Yellow
FAK-Y
108.00
Maintained
Red
FAK-R-V-Y
160.00
Catalog
Number
Price
U.S. $
FAK-IU
36.00
Terminal
Type
Contact
Configuration
Catalog
Number
Price
U.S. $
Screw
NO
M22-KC10
10.00
NC
M22-KC01
10.00
Spring-Cage
NO
M22-CKC10
13.00
NC
M22-CKC01
13.00
FAK-S
FAK-IU
M22-KC10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89