| Moteur de recherche de fiches techniques de composants électroniques |
|
SMBJ Fiches technique(PDF) 3 Page - PACELEADER INDUSTRIAL |
|
|
|||||||||||||||||||||||||||||
SMBJ Fiches technique(HTML) 3 Page - PACELEADER INDUSTRIAL |
|
3 / 5 page ![]() Uni-polar Bi-polar Uni Bi Min (V) Max (V) IT (mA) SMBJ5.0 SMBJ5.0C KD AD 6.40 7.30 10 800 5.0 62.5 9.6 SMBJ5.0A SMBJ5.0CA KE AE 6.40 7.00 10 800 5.0 65.2 9.2 SMBJ6.0 SMBJ6.0C KF AF 6.67 8.15 10 800 6.0 52.6 11.4 SMBJ6.0A SMBJ6.0CA KG AG 6.67 7.37 10 800 6.0 58.3 10.3 SMBJ6.5 SMBJ6.5C KH AH 7.22 8.82 10 500 6.5 48.8 12.3 SMBJ6.5A SMBJ6.5CA KK AK 7.22 7.98 10 500 6.5 53.6 11.2 SMBJ7.0 SMBJ7.0C KL AL 7.78 9.51 10 200 7.0 45.1 13.3 SMBJ7.0A SMBJ7.0CA KM AM 7.78 8.60 10 200 7.0 50.0 12.0 SMBJ7.5 SMBJ7.5C KN AN 8.33 10.2 1 100 7.5 42.0 14.3 SMBJ7.5A SMBJ7.5CA KP AP 8.33 9.21 1 100 7.5 46.5 12.9 SMBJ8.0 SMBJ8.0C KQ AQ 8.89 10.9 1 50 8.0 40.0 15.0 SMBJ8.0A SMBJ8.0CA KR AR 8.89 9.83 1 50 8.0 44.1 13.6 SMBJ8.5 SMBJ8.5C KS AS 9.44 11.5 1 10 8.5 37.7 15.9 SMBJ8.5A SMBJ8.5CA KT AT 9.44 10.4 1 10 8.5 41.7 14.4 SMBJ9.0 SMBJ9.0C KU AU 10.0 12.2 1 5.0 9.0 35.5 16.9 SMBJ9.0A SMBJ9.0CA KV AV 10.0 11.1 1 5.0 9.0 39.0 15.4 SMBJ10 SMBJ10C KW AW 11.1 13.6 1 5.0 10 31.9 18.8 SMBJ10A SMBJ10CA KX AX 11.1 12.3 1 5.0 10 35.3 17.0 SMBJ11 SMBJ11C KY AY 12.2 14.9 1 5.0 11 29.9 20.1 SMBJ11A SMBJ11CA KZ AZ 12.2 13.5 1 5.0 11 33.0 18.2 SMBJ12 SMBJ12C LD BD 13.3 16.3 1 5.0 12 27.3 22.0 SMBJ12A SMBJ12CA LE BE 13.3 14.7 1 5.0 12 30.2 19.9 SMBJ13 SMBJ13C LF BF 14.4 17.6 1 5.0 13 25.2 23.8 SMBJ13A SMBJ13CA LG BG 14.4 15.9 1 5.0 13 27.9 21.5 SMBJ14 SMBJ14C LH BH 15.6 19.1 1 5.0 14 23.3 25.8 SMBJ14A SMBJ14CA LK BK 15.6 17.2 1 5.0 14 25.9 23.2 SMBJ15 SMBJ15C LL BL 16.7 20.4 1 5.0 15 22.3 26.9 SMBJ15A SMBJ15CA LM BM 16.7 18.5 1 5.0 15 24.6 24.4 SMBJ16 SMBJ16C LN BN 17.8 21.8 1 5.0 16 20.8 28.8 SMBJ16A SMBJ16CA LP BP 17.8 19.7 1 5.0 16 23.1 26.0 SMBJ17 SMBJ17C LQ BQ 18.9 23.1 1 5.0 17 19.7 30.5 SMBJ17A SMBJ17CA LR BR 18.9 20.9 1 5.0 17 21.7 27.6 SMBJ18 SMBJ18C LS BS 20.0 24.4 1 5.0 18 18.6 32.2 SMBJ18A SMBJ18CA LT BT 20.0 22.1 1 5.0 18 20.5 29.2 SMBJ19 SMBJ19C LA BA 21.1 25.8 1 5.0 19 17.6 34.0 SMBJ19A SMBJ19CA LB BB 21.1 23.3 1 5.0 19 19.5 30.8 SMBJ20 SMBJ20C LU BU 22.2 27.1 1 5.0 20 16.8 35.8 SMBJ20A SMBJ20CA LV BV 22.2 24.5 1 5.0 20 18.5 32.4 SMBJ22 SMBJ22C LW BW 24.4 29.8 1 5.0 22 15.2 39.4 SMBJ22A SMBJ22CA LX BX 24.4 26.9 1 5.0 22 16.9 35.5 SMBJ24 SMBJ24C LY BY 26.7 32.6 1 5.0 24 14.0 43.0 SMBJ24A SMBJ24CA LZ BZ 26.7 29.5 1 5.0 24 15.4 38.9 SMBJ26 SMBJ26C MD CD 28.9 35.3 1 5.0 26 12.9 46.6 SMBJ26A SMBJ26CA ME CE 28.9 31.9 1 5.0 26 14.3 42.1 SMBJ28 SMBJ28C MF CF 31.1 38.0 1 5.0 28 12.0 50.0 SMBJ28A SMBJ28CA MG CG 31.1 34.4 1 5.0 28 13.2 45.4 SMBJ30 SMBJ30C MH CH 33.3 40.7 1 5.0 30 11.2 53.5 SMBJ30A SMBJ30CA MK CK 33.3 36.8 1 5.0 30 12.4 48.4 SMBJ33 SMBJ33C ML CL 36.7 44.9 1 5.0 33 10.2 59.0 SMBJ33A SMBJ33CA MM CM 36.7 40.6 1 5.0 33 11.3 53.3 SMBJ36 SMBJ36C MN CN 40.0 48.9 1 5.0 36 9.33 64.3 SMBJ36A SMBJ36CA MP CP 40.0 44.2 1 5.0 36 10.3 58.1 SMBJ40 SMBJ40C MQ CQ 44.4 54.3 1 5.0 40 8.40 71.4 SMBJ40A SMBJ40CA MR CR 44.4 49.1 1 5.0 40 9.30 64.5 Maximum Clamping Voltage Vc (Volts) @Ipp Maximum Reverse Leakage IR(uA) @VRWM Working PeakRevers e Voltage VRWM (Volts) TECHNOLOGIES SMBJ SERIES Breakdown voltage VBR @ IT Device Marking Code Maximum Reverse Surge Current Ipp(A) @10x1000us sinewave SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR SMBJ Series www.paceleader.tw 3 |